データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6649 データシート(PDF) 26 Page - Analog Devices

部品番号 AD6649
部品情報  IF Diversity Receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD6649 データシート(HTML) 26 Page - Analog Devices

Back Button AD6649 Datasheet HTML 22Page - Analog Devices AD6649 Datasheet HTML 23Page - Analog Devices AD6649 Datasheet HTML 24Page - Analog Devices AD6649 Datasheet HTML 25Page - Analog Devices AD6649 Datasheet HTML 26Page - Analog Devices AD6649 Datasheet HTML 27Page - Analog Devices AD6649 Datasheet HTML 28Page - Analog Devices AD6649 Datasheet HTML 29Page - Analog Devices AD6649 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Data Sheet
AD6649
Rev. C | Page 25 of 40
–1.000
–1.125
–1.250
–1.375
–1.500
0
30.72
61.44
92.16
122.88
FILTER RESPONSE (MHz)
Figure 42. Low Latency FIR Filter Pass-Band Response at 245.76 MSPS
(Fixed-Frequency NCO, 95 MHz FIR Filter Mode)
When using the tunable-frequency NCO and 100 MHz FIR filter,
the output rate is equal to the sample clock rate. The response of
the high performance FIR filter is shown in Figure 43. The detailed
pass-band response for this mode is shown in Figure 44. To place
the part into this mode, set SPI Register 0x50 to 0xA0. When
using the high performance FIR filter, the output level is −1.3 dBFS
for a corresponding input level of −1.0 dBFS at the analog inputs.
This is a result of the −0.3 dB pass-band attenuation of the FIR
filter in this mode and does not result in loss in the dynamic range
of the converter.
100
50
0
–4
–3
–2
–1
0
FILTER RESPONSE (MHz)
Figure 43. High Performance FIR Filter Pass-Band Response at 245.76 MSPS
(Tunable-Frequency NCO, 100 MHz FIR Filter)
100
50
0
–1.500
–1.125
–0.750
–0.375
0
FILTER RESPONSE (MHz)
Figure 44. High Performance FIR Filter Pass-Band Response at 245.76 MSPS
(Tunable-Frequency NCO, 100 MHz FIR Filter)
OUTPUT NCO
The output of the 32-bit fine-tuning NCO is complex and typically
centered in frequency around dc. This complex output is carried
through the stages of either the 95 MHz or 100 MHz FIR filter to
provide proper antialiasing filtering. The final NCO provides a
means to move this complex output signal away from dc so that
a real output can be provided from the AD6649. The output
NCO translates the output from dc to a frequency equal to the
output frequency divided by 4 (fS/4). This provides the user
with an output signal centered at fS/4 in frequency.
The AD6649 output NCOs within a single part or across multiple
parts can be synchronized using the external SYNC input. Bit 7
and Bit 6 of Register 0x58 allow the output NCO to be resyn-
chronized on every SYNC signal or only on the first SYNC
signal after the register is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com