| データシートサーチシステム |
|
AD9993BBCZ データシート(PDF) 55 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9993BBCZ データシート(HTML) 55 Page - Analog Devices |
|
55 / 57 page ![]() AD9993 Data Sheet Rev. A | Page 54 of 56 Table 66. Bit Descriptions for INTEN Bits Bit Name Description Reset Access 7 ADC_D_OVR_IRQ_EN Enable ADC D Overrange interrupt. 0x0 RW 6 ADC_C_OVR_IRQ_EN Enable ADC C Overrange interrupt. 0x0 RW 5 ADC_B_OVR_IRQ_EN Enable ADC B Overrange interrupt. 0x0 RW 4 ADC_A_OVR_IRQ_EN Enable ADC A Overrange interrupt. 0x0 RW 3 FIFO_WARN2_IRQ_EN Enable FIFO Warning 2 interrupt. 0x0 RW 2 FIFO_WARN1_IRQ_EN Enable FIFO Warning 1 interrupt. 0x0 RW 1 PLL_UNLOCK_IRQ_EN Enable PLL unlock interrupt. 0x0 RW 0 PLL_LOCKED_IRQ_EN Enable PLL lock interrupt. 0x0 RW INTERRUPT SOURCE STATUS REGISTER Address: 0x0F2, Reset: 0x00, Name: INT_RAW Table 67. Bit Descriptions for INT_RAW Bits Bit Name Description Reset Access 7 ADC_D_OVR_RAW ADC D overrange interrupt source. 0x0 R 6 ADC_C_OVR_RAW ADC C overrange interrupt source. 0x0 R 5 ADC_B_OVR_RAW ADC B overrange interrupt source. 0x0 R 4 ADC_A_OVR_RAW ADC A overrange interrupt source. 0x0 R 3 FIFO_WARN2_RAW FIFO Warning 2 interrupt source. 0x0 R 2 FIFO_WARN1_RAW FIFO Warning 1 interrupt source. 0x0 R 1 PLL_UNLOCK_RAW PLL unlock interrupt source. 0x0 R 0 PLL_LOCKED_RAW PLL lock interrupt source. 0x0 R |