データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75813TS-E データシート(PDF) 27 Page - ON Semiconductor

部品番号 LC75813TS-E
部品情報  Duty General-Purpose LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75813TS-E データシート(HTML) 27 Page - ON Semiconductor

Back Button LC75813TS-E Datasheet HTML 20Page - ON Semiconductor LC75813TS-E Datasheet HTML 21Page - ON Semiconductor LC75813TS-E Datasheet HTML 22Page - ON Semiconductor LC75813TS-E Datasheet HTML 23Page - ON Semiconductor LC75813TS-E Datasheet HTML 24Page - ON Semiconductor LC75813TS-E Datasheet HTML 25Page - ON Semiconductor LC75813TS-E Datasheet HTML 26Page - ON Semiconductor LC75813TS-E Datasheet HTML 27Page - ON Semiconductor LC75813TS-E Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
LC75813E, LC75813T
www.onsemi.com
27
Package Dimensions
unit : mm
[LC75813T]
TQFP100 14x14 / TQFP100
CASE 932AY
ISSUE A
XXXXX = Specific Device Code
Y = Year
M = Month
DDD = Additional Traceability Data
GENERIC
MARKING DIAGRAM*
*This information is generic. Please refer to
device data sheet for actual part marking.
XXXXXXXX
YMDDD
14.0
0.1
12
0.5
(1.0)
0.10
16.0
0.2
0.2
0.10
0 to 10
0.125
(Unit: mm)
15.40
0.28
0.50
SOLDERING FOOTPRINT*
NOTE: The measurements are not to guarantee but for reference only.
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28