| データシートサーチシステム |
|
LC450029PKB データシート(PDF) 18 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC450029PKB データシート(HTML) 18 Page - ON Semiconductor |
|
18 / 25 page ![]() LC450029PKB www.onsemi.com 18 In external clock operating mode (Note) The wait time (t1) which power supply turn on should be 1ms or more. The discharge time (t2) of LCD panel’s electric charge should be decided the optimum value according to the characteristic of the LCD panel. The switching time (tc) of INH should be 10 s or more. OSCI pad should be input an external clock at INH is high level. [Figure 7] All segments off (off waveforms output) [Figure 8] Power-saving mode [Figure 9] CE t1 VDD=VDDI OSCI t2 VIL1 tc VIL1 Initialization of display data and control data (OC=1) Update display data OFF (VSS level output) ON OFF (VSS level output) S1 to S53 COM1 to COM4 INH CE VDD=VDDI S1 VSS VSS SC=1 SC=0 VSS COM1 VSS OFF (off waveforms output) Initialization of display data and control data (SC=0) OFF (VSS level output) ON ON OFF (VSS level output) INH CE VDD=VDDI S1 to S53 COM1 to COM4 BU=1 BU=0 Initialization of display data and control data (BU=0) OFF (VSS level output) OFF (VSS level output) OFF (VSS level output) ON ON Power-saving mode INH |