| データシートサーチシステム |
|
PI74FCT16541 データシート(PDF) 2 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI74FCT16541 データシート(HTML) 2 Page - Pericom Semiconductor Corporation |
|
2 / 6 page ![]() PI74FCT16541/162541/162H541T 16-BIT BUFFER/LINE DRIVERS 230 PS2037A 03/11/96 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 Product Pin Description Pin Name Description X OE 3-State Output Enable Inputs (Active LOW) xAx Inputs(1) xYx 3-State Outputs GND Ground VCC Power Note: 1. For the PI74FCT162H541T, these pins have “Bus Hold.” All other pins are standard, outputs, or I/Os. Inputs (1) Outputs (1) X OE xAx xYx LL H LH L HX Z Truth Table Note: 1. H = High Voltage Level X = Don’t Care L = Low Voltage Level Z = High Impedance Product Pin Configuration 1 2 3 4 5 6 7 8 9 48 10 47 11 46 12 45 13 44 14 43 15 42 16 41 17 40 18 39 19 38 20 37 21 36 22 35 23 34 24 33 32 31 30 29 28 27 26 25 1 OEA 1 Y0 1 Y1 GND 1 Y2 1 Y3 VCC 1 Y4 1 Y5 GND 1 Y6 1 Y7 2 Y0 2 Y1 GND 2 Y2 2 Y3 VCC 2 Y4 2 Y5 GND 2 Y6 2 Y7 2 OEA 1 OEB 1 A0 1 A1 GND 1 A2 1 A3 VCC 1 A4 1 A5 GND 1 A6 1 A7 2 A0 2 A1 GND 2 A2 2 A3 VCC 2 A4 2 A5 GND 2 A6 2 A7 2 OEB 48-PIN V48 A48 |