| データシートサーチシステム |
|
LED760-04A データシート(PDF) 3 Page - Roithner LaserTechnik GmbH |
|
|
|||||||||||||||||||||||||||||
LED760-04A データシート(HTML) 3 Page - Roithner LaserTechnik GmbH |
|
3 / 3 page ![]() 29.08.2011 LED760/940-04A 3 of 3 Soldering Conditions 4. Static Electricity • The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs. • All devices, equipment and machinery must be grounded properly. It is recommended that precautions should be taken against surge voltage to the equipment that mounts the LEDs. |