| データシートサーチシステム |
|
M24C02-RDS3T/W データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C02-RDS3T/W データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 29 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 14/29 DC AND AC PARAMETERS This section summarizes the operating and mea- surement conditions, and the DC and AC charac- teristics of the device. The parameters in the DC and AC Characteristic tables that follow are de- rived from tests performed under the Measure- ment Conditions summarized in the relevant tables. Designers should check that the operating conditions in their circuit match the measurement conditions when relying on the quoted parame- ters. Table 5. Operating Conditions (M24Cxx) Note: 1. This range is Not for New Design, and will soon be replaced by the M24Cxx-W range. Table 6. Operating Conditions (M24Cxx-W) Table 7. Operating Conditions (M24Cxx-R) Symbol Parameter Min. Max. Unit VCC Supply Voltage 4.5 5.5 V TA Ambient Operating Temperature (Device Grade 6) –40 85 °C Ambient Operating Temperature (Device Grade 3) –40 125 °C Symbol Parameter Min. Max. Unit VCC Supply Voltage 2.5 5.5 V TA Ambient Operating Temperature (Device Grade 6) –40 85 °C Ambient Operating Temperature (Device Grade 3) –40 125 °C Symbol Parameter Min. Max. Unit VCC Supply Voltage 1.8 5.5 V TA Ambient Operating Temperature –40 85 °C |