データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AME8501CEFVCF42 データシート(PDF) 10 Page - Analog Microelectronics

部品番号 AME8501CEFVCF42
部品情報  UProcessor Supervisory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AME [Analog Microelectronics]
ホームページ  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8501CEFVCF42 データシート(HTML) 10 Page - Analog Microelectronics

Back Button AME8501CEFVCF42 Datasheet HTML 6Page - Analog Microelectronics AME8501CEFVCF42 Datasheet HTML 7Page - Analog Microelectronics AME8501CEFVCF42 Datasheet HTML 8Page - Analog Microelectronics AME8501CEFVCF42 Datasheet HTML 9Page - Analog Microelectronics AME8501CEFVCF42 Datasheet HTML 10Page - Analog Microelectronics AME8501CEFVCF42 Datasheet HTML 11Page - Analog Microelectronics AME8501CEFVCF42 Datasheet HTML 12Page - Analog Microelectronics AME8501CEFVCF42 Datasheet HTML 13Page - Analog Microelectronics AME8501CEFVCF42 Datasheet HTML 14Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AME, Inc.
10
µµµµµProcessor Supervisory
AME8500 / 8501
n Timing Diagram
n Applications Information
Supply Transients
These devices have a certain immunity to fast negative
going transients. In the following pages the graph titled
“Glitch Rejection” indicates the maximum allowable glitch
amplitude and duration to avoid triggering an unintended
reset. As shown in the graph shorter transients can have
larger amplitudes without triggering resets.
V
DD
RESETB
RESET
T
D2
V
Release
V
TH
T
D1
T
D2
T
D1
50%
50%
50%
50%
Glitch Rejection
Reset Time vs. Temperature
Glitch Amplitude (V)
0
20
40
60
80
100
120
140
0.01
0.1
1
190
195
200
205
210
215
220
-45
-5
25
55
85
115
Temperature (oC)
AME8500AEETAF26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com