データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PI74FCT574ATLE データシート(PDF) 6 Page - Pericom Semiconductor Corporation

部品番号 PI74FCT574ATLE
部品情報  Fast CMOS Octal D Registers (3-State)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PERICOM [Pericom Semiconductor Corporation]
ホームページ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT574ATLE データシート(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74FCT574ATLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT574ATLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT574ATLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT574ATLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT574ATLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT574ATLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT574ATLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT574ATLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74FCT574ATLE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
PS2016C
10/01/04
PI74FCT374T
PI74FCT574T
Octal D Registers (3-State)
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Packaging Mechanical: 20-pin QSOP (Q)
.337
.344
.053
.069
.004
.010
SEATING
PLANE
.025
BSC
.007
.010
.228
.244
.150
.157
1
20
.016
.050
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.635
8.56
8.74
1.35
1.75
5.79
6.19
0.41
1.27
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
.058
1.47
.015 x 45˚
0.38
REF
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33
Packaging Mechanical: 20-pin TSSOP (L)
.252
.260
.047
1.20
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.004
.008
.238
.269
1
20
.169
.177
X.XX
X.XX
DENOTES CONTROLLING
DIMENSIONS IN MILLIMETERS
0.05
0.15
6.1
6.7
0.45
0.75
0.09
0.20
4.3
4.5
6.4
6.6
0.65
0.19
0.30
.007
.012
Max



Html Pages

1 2 3 4 5 6 7 8 9