| データシートサーチシステム |
|
PI74FCT574CTSE データシート(PDF) 5 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI74FCT574CTSE データシート(HTML) 5 Page - Pericom Semiconductor Corporation |
|
5 / 9 page ![]() 5 PS2016C 10/01/04 PI74FCT374T PI74FCT574T Octal D Registers (3-State) 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 PI74FCT374T Switching Characteristics over Operating Range 374TT 374AT 374CT 374DT Com. Com. Com. Com. Parameters Description Conditions(1) Min Max Min Max Min Max Min Max Units tPLH Propagation Delay CL = 50pF 2.0 10.0 2.0 6.5 2.0 5.2 2.0 4.5 ns tPHL CP to ON RL = 500 Ω tPZH Output Enable Time 1.5 12.5 1.5 6.5 1.5 5.5 1.5 5.5 ns tPZL OE to ON tPHZ Output Disable Time(3) 1.5 8.0 1.5 5.5 1.5 5.0 1.5 5.0 ns tPLZ OE to ON tSU Setup Time HIGH or 2.0 — 2.0 — 2.0 — 2.0 — ns LOW, DN to CP tH Hold Time HIGH or 1.5 — 1.5 — 1.5 — 1.0 — ns LOW, DN to CP tW CP Pulse Width(3) 7.0 — 5.0 — 5.0 — 3.0 — ns HIGH or LOW PI74FCT574T Switching Characteristics over Operating Range 574T 574AT 574T 574DT Com. Com. Com. Com. Parameters Description Conditions(1) Min Max Min Max Min Max Min Max Unit tPLH Propagation Delay CL = 50 pF 2.0 8.5 2.0 6.5 2.0 5.2 2.0 4.5 ns tPHL CP to ON RL = 500 Ω tPZH Output Enable Time 1.5 10.0 1.5 6.5 1.5 5.5 1.5 5.5 ns tPZL OE to ON tPHZ Output Disable Time(3) 1.5 6.5 1.5 5.5 1.5 5.0 1.5 5.0 ns tPLZ OE to ON tSU Setup Time HIGH or 2.0 — 2.0 — 2.0 — 2.0 — ns LOW, DN to CP tH Hold Time HIGH or 1.5 — 1.5 — 1.5 — 1.0 — ns LOW, DN to CP tW CP Pulse Width(3) 7.0 — 5.0 — 5.0 — 3.0 — ns HIGH or LOW Notes: 1. See test circuit and wave forms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. This parameter is guaranteed but not production tested. |