データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM19-LSI データシート(PDF) 3 Page - Pixart Imaging Inc.

部品番号 LM19-LSI
部品情報  Optical Gaming Navigation Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PIXART [Pixart Imaging Inc.]
ホームページ  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM19-LSI データシート(HTML) 3 Page - Pixart Imaging Inc.

  LM19-LSI Datasheet HTML 1Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 2Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 3Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 4Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 5Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 6Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 7Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 8Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
PixArt Imaging Inc.
PMW3360 Product Datasheet
Optical Gaming Navigation Sensor
Version 1.30 |6 April 2016
PixArt Imaging Inc. All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any
other forms
without permission.
1.0
System Level Description
This section covers PMW3360’s guidelines and recommendations in term of sensor, lens & PCB assemblies.
1.1
Pin Configuration
Figure 1. Device output pins
Table 1. PMW3360DM-T2QU Pin Description
Items
Marking
Remark
Product
Number
PMW3360DM-T2QU
Lot Code
AYWWXXXXX
A : Assembly house
Y: Year
WW: Week
XXXXX: PixArt reference
Pin No.
Function
Symbol
Type
Description
1
NA
NC
NC
(Float)
2
NA
NC
NC
(Float)
3
Supply Voltage
and
I/O Voltage
VDDPIX
Power
LDO output for
selective analog circuit
4
VDD
Power
Input power supply
5
VDDIO
Power
I/O reference voltage
6
NA
NC
NC
(Float)
7
Reset control
NRESET
Input
Chip reset(active low)
8
Ground
GND
GND
Ground
9
Motion Output
MOTION
Output
Motion detect
10
4-wire spi
communication
SCLK
Input
Serial data clock
11
MOSI
Input
Serial data input
12
MISO
Output
Serial data output
13
NCS
Input
Chip select(active low)
14
NA
NC
NC
(Float)
15
LED
LED_P
Input
LED Anode
16
NA
NC
NC
(Float)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com