| データシートサーチシステム |
|
AD2S83 データシート(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD2S83 データシート(HTML) 19 Page - Analog Devices |
|
19 / 20 page ![]() AD2S83 REV. E –18– APPLICATIONS Control Transformer The ratio multiplier of the AD2S83 can be used independently of the loop integrators as a control transformer. In this mode, the resolver inputs θ are multiplied by a digital angle φ, any difference between φ and θ will be represented by the AC ERROR output as Sin ωt sin (θ–φ) or the DEMOD output as sin ( θ–φ). To use the AD2S83 in this mode refer to the “Control Transformer” application note. OTHER PRODUCT AD2S90. Low-cost resolver-to-digital converter with outputs which emulate optical encoders and a serial output for absolute position information. Unlike the AD2S83, the AD2S90 requires no external components to operate. The AD2S90 is built on LC 2MOS and packaged in a 20-lead PLCC. AD2S80A/AD2S81A/AD2S82A. Monolithic resolver-to-digital converter. The AD2S80/AD2S82A offer selectable 10, 12, 14, 16 bits of resolution. The AD2S81A has 12-bit resolution. All devices have user selectable dynamics. The AD2S80A is available in 40-lead DDIP, 44-lead LCC and is qualified to MIL-STD- 883B REV. E. The is available in a 44-lead PLCC, and the AD2S81A in a 28-lead DDIP. |