| データシートサーチシステム |
|
TMS320C6000 データシート(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C6000 データシート(HTML) 13 Page - Texas Instruments |
|
13 / 126 page ![]() Code Composer Studio Development Code Composer Studio Overview 1-3 Code Composer Studio includes the following components: t TMS320C6000 code generation tools: see section 1.2 t Code Composer Studio Integrated Development Environment (IDE): see section 1.3 t DSP/BIOS plug-ins and API: see section 1.4 t RTDX plug-in, host interface, and API: see section 1.5 These components work together as shown here: Target Host T a rg et ha rd w a re D S P ap plicatio n program DS P C ode C o m poser Stud io JT A G RT DX C o de C o m p os er de bu gg er D S P/BIO S plug-in s RT DX plug-in 3rd party plug-in s cfg .cm d cfg .s6 x c fg .h6x .c d b (C onfig data bas e) C o m p ile r, a sse m b le r, ln ke r... C ode gen eratio n tools C o de C o m p os er proje ct .a sm .h .c C ode C o m poser e d itor source file s D S P/BIO S AP I OL E app lica tion using R T D X C onfiguratio n To ol ex ecu ta b le D SP/BIO S H o st em u latio n su p p o rt |