| データシートサーチシステム |
|
YB216CWCKW01-5C-JB データシート(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
YB216CWCKW01-5C-JB データシート(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
7 / 13 page ![]() Series YB2 Panel Seal Pushbuttons D124 D www.nkkswitches.com VF I F R + – E Anode Cathode R = E – VF IF Where: R E V F I F = Resistor Value (Ohms) = Source Voltage (V) = Forward Voltage (V) = Forward Current (A) CB EB FB Lens/Diffuser Colors Available: Green/White *Yellow/White Red/White Material for Lens & Diffuser: Polycarbonate HB Lens: ABS Resin & Unbrushed Chrome Plating CAPS & CAP COLORS AT3017 Cap for Bright LED or Nonilluminataed AT3018 Cap for Super Bright LED AT3019 Cap for Nonilluminated JB Clear/White P Brushed Chrome Lens/Diffuser Colors Available: Cap Color Available: BALLAST RESISTOR CALCULATION FOR LEDS If the source voltage is greater than the rated voltage of a lamp or LED, a ballast resistor must be connected in series with the lamp. This circuit diagram and formula will assist in calculating the value of the required ballast resistor. JB Clear/White AT3020 Cap with Illumination Ring for Bright or Super Bright LED Cap Color Available: JS Metallic Silver with Clear Ring Materials Lens: Polycarbonate Insert: Polyester *Yellow cap pairs with amber LED to achieve amber illumination. Lens/Diffuser Colors Available: FB Green/White For Bright LED only EB *Yellow/White For Bright LED only CB Red/White For Bright LED only AT3025 Cap for Illuminated or Nonilluminated AT3027 Cap for Nonilluminated P Brushed Chrome Cap Color Available: *Yellow cap pairs with amber LED to achieve amber illumination. JB Clear/White For Bright & Super Bright LEDs Material for Lens: ABS Resin & Brushed Chrome Plating Material for Lens & Diffuser: Polycarbonate Material for Lens: ABS Resin & Brushed Chrome Plating .709 (18.0) Sq (13.1) .516 (4.9) .193 .709 (18.0) Sq (13.1) .516 (4.9) .193 .748 (19.0) Dia (13.1) .516 (4.9) .193 .748 (19.0) Dia (13.1) .516 (4.9) .193 .748 (19.0) Dia (13.1) .516 (4.9) .193 .748 (19.0) Dia (13.1) .516 (4.9) .193 HB Unbrushed Chrome/White For Bright & Super Bright LEDs HB Unbrushed Chrome/ White HB Unbrushed Chrome/ White |