| データシートサーチシステム |
|
YB225CWCPG01-5F-JS データシート(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
YB225CWCPG01-5F-JS データシート(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
3 / 13 page ![]() Series YB2 Panel Seal Pushbuttons D120 D www.nkkswitches.com TYPICAL SWITCH ORDERING EXAMPLE 1 C K 01 LED Cap with Clear Lens & White Diffuser With Panel Seal Silver Contacts with 3 Amp Rating Solder Lug/.110” (2.8mm) Quick Connect Terminals White, Super Bright LED Black Bezel Round Black Housing SPDT ON-(ON) Circuit 5 DESCRIPTION FOR TYPICAL ORDERING EXAMPLE YB215CWCKW01-6B-JB W C W YB2 Poles 1 SPDT 2 DPDT Contact Point C Normally Open and Normally Closed Shape C Round S Square Circuits 5 ON (ON) ( ) = Momentary 6 ON ON Alternate Action with Latchdown Panel Seal W With Panel Seal Bezel K Black P Brushed Chrome Contact Materials & Ratings W Silver Rated 3A @ 125V AC G Gold Rated 0.4VA maximum @ 28V AC/DC maximum Terminals 01 Solder Lug/.110” (2.8mm) Quick Connect IMPORTANT: Switches are supplied without cULus marking unless specified. cULus recognized only when ordered with marking on the switch. Specific models, ratings, and ordering instructions are noted on General Specifications page. |