| データシートサーチシステム |
|
YB215CWCPG01-5F-CB データシート(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
YB215CWCPG01-5F-CB データシート(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
1 / 13 page ![]() Series YB2 Panel Seal Pushbuttons D118 D www.nkkswitches.com General Specifications Electrical Capacity (Resistive Load) Power Level (silver): 3A @ 125V AC or 3A @ 250V AC or 3A @ 30V DC Logic Level (gold): 0.4VA maximum @ 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V) Other Ratings Contact Resistance: 50 milliohms maximum for silver; 100 milliohms maximum for gold Insulation Resistance: 200 megohms minimum @ 500V DC Dielectric Strength: 1,000V AC minimum between contacts for 1 minute minimum; 1,500V AC minimum between contacts & case for 1 minute minimum Mechanical Life: 1,000,000 operations minimum for momentary circuit 200,000 operations minimum for maintained circuit Electrical Life: 100,000 operations minimum Nominal Operating Force: Single pole: 1.5N Double pole: 3.0N Contact Timing: Nonshorting (break-before-make) Travel: Pretravel .059” (1.5mm); Overtravel .059” (1.5mm); Total Travel .118” (3.0mm) Materials & Finishes Bezel: Black: Glass fiber reinforced polyamide (UL94V-0); Chrome plated: Chrome plating over ABS resin (UL94V-2) Housing: Glass fiber reinforced polyamide (UL94V-0) Base: Glass fiber reinforced polyamide (UL94V-0) Movable Contactor: Phosphor bronze with silver or gold plating Movable Contacts: Silver alloy or copper with gold plating Stationary Contacts: Silver alloy or copper with gold plating Switch Terminals: Phosphor bronze with tin plating Lamp Terminals: Phosphor bronze with tin plating Environmental Data Operating Temperature Range: –25°C through +50°C (–13°F through +122°F) for Illuminated –25°C through +70°C (–13°F through +158°F) for Nonilluminated Humidity: 90 ~ 95% humidity for 240 hours @ 40°C (104°F) Vibration: 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours Shock: 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) Sealing: IP65 of IEC60529 standard Installation Mounting Torque: 0.785Nm (6.95 lb•in) maximum Soldering Time & Temperature: Manual Soldering: See Profile A in Supplement section. Standards & Certifications Flammability Standards: UL94V-0 housing, base & black bezel UL: File No. E44145 - Recognized only when ordered with marking on switch. Add “/CUL” before first dash in part number to order cULus marking on switch. All solder lug models recognized at 3A @ 125/250V AC or 0.4VA @ 28V AC/DC maximum. |
同様の部品番号 - YB215CWCPG01-5F-CB |
|
同様の説明 - YB215CWCPG01-5F-CB |