| データシートサーチシステム |
|
PI74FCT573ATH データシート(PDF) 5 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI74FCT573ATH データシート(HTML) 5 Page - Pericom Semiconductor Corporation |
|
5 / 8 page ![]() PI74FCT373T PI74FCT573T OCTALTRANSPARENTLATCHES 5 PS2015B 10/06/04 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 PI74FCT373T Switching Characteristics over Operating Range 373T 373AT 373CT 373DT Com. Com. Com. Com. Parameters Description Conditions(1) Min Max Min Max Min Max Min Max Unit tPLH PropagationDelay CL = 50 pF 1.5 8.0 1.5 5.2 1.5 4.2 1.5 3.8 ns tPHL DN toON RL = 500 Ω tPLH PropagationDelay 2.0 13.0 2.0 8.5 2.0 5.5 1.5 4.9 ns tPHL LEtoON tPZH OutputEnableTime 1.5 12.0 1.5 6.5 1.5 5.5 1.5 5.5 ns tPZL OEtoON tPHZ OutputDisableTime(3) 1.5 7.5 1.5 5.5 1.5 5.0 1.5 5.0 ns tPLZ OEtoON tSU SetupTimeHIGHor 2.0 — 2.0 — 2.0 — 2.0 — ns LOW,DNtoLE tH HoldTimeHIGHor 1.5 — 1.5 — 1.5 — 1.5 — ns LOW,DNtoLE tW LEPulseWidth(3) 6.0 — 5.0 — 5.0 — 4.0 — ns HIGH Notes: 1. See test circuit and wave forms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. This parameter guaranteed but not production tested. PI74FCT573T Switching Characteristics over Operating Range 573T 573AT 573CT 573DT Com. Com. Com. Com. Parameters Description Conditions(1) Min Max Min Max Min Max Min Max Unit tPLH PropagationDelay CL = 50 pF 1.5 8.0 1.5 5.2 1.5 4.2 1.5 3.8 ns tPHL DN toON RL = 500 Ω tPLH PropagationDelay 2.0 12.0 2.0 8.5 2.0 5.5 2.0 4.9 ns tPHL LEtoON tPZH OutputEnableTime 1.5 9.5 1.5 6.5 1.5 5.5 1.5 5.5 ns tPZL OEtoON tPHZ OutputDisableTime(3) 1.5 6.5 1.5 5.5 1.5 5.0 1.5 5.0 ns tPLZ OEtoON tSU SetupTimeHIGHor 2.0 — 2.0 — 2.0 — 1.5 — ns LOW,DNtoLE tH HoldTimeHIGHor 1.5 — 1.5 — 1.5 — 1.0 — ns LOW,DNtoLE tW LEPulseWidth(3) 6.0 — 5.0 — 5.0 — 3.0 — ns HIGH |