| データシートサーチシステム |
|
PI74FCT573CTL データシート(PDF) 2 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI74FCT573CTL データシート(HTML) 2 Page - Pericom Semiconductor Corporation |
|
2 / 8 page ![]() PI74FCT373T PI74FCT573T OCTALTRANSPARENTLATCHES 2 PS2015B 10/06/04 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 Inputs Outputs DN LE OE ON HH L H LH L L XX H Z TruthTable(1) 1. H = High Voltage Level L = Low Voltage Level X = Don’t Care Z = High Impedance PinName Description OE Output Enable Input (Active LOW) LE Latch Enable Input (Active HIGH) D0-D7 Data Inputs O0-O7 3-State Outputs O0-O7 Complementary 3-State Outputs GND Ground VCC Power PinDescription PI74FCT373PinConfiguration PI74FCT573PinConfiguration 20-PIN L20 P20 Q20 S20 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 OE O0 D0 D1 O1 O2 D2 D3 O3 GND Vcc O7 D7 D6 O6 O5 D5 D4 O4 LE 20-PIN L20 P20 Q20 S20 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 OE D0 D1 D2 D3 D4 D5 D6 D7 GND Vcc O0 O1 O2 O3 O4 O5 O6 O7 LE |