データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24C02-MB3TG/W データシート(PDF) 23 Page - STMicroelectronics

部品番号 M24C02-MB3TG/W
部品情報  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-MB3TG/W データシート(HTML) 23 Page - STMicroelectronics

Back Button M24C02-MB3TG/W Datasheet HTML 19Page - STMicroelectronics M24C02-MB3TG/W Datasheet HTML 20Page - STMicroelectronics M24C02-MB3TG/W Datasheet HTML 21Page - STMicroelectronics M24C02-MB3TG/W Datasheet HTML 22Page - STMicroelectronics M24C02-MB3TG/W Datasheet HTML 23Page - STMicroelectronics M24C02-MB3TG/W Datasheet HTML 24Page - STMicroelectronics M24C02-MB3TG/W Datasheet HTML 25Page - STMicroelectronics M24C02-MB3TG/W Datasheet HTML 26Page - STMicroelectronics M24C02-MB3TG/W Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23/29
M24C16, M24C08, M24C04, M24C02, M24C01
Figure 14. UFDFPN8 (MLP8) 8-lead Ultra thin Fine pitch Dual Flat Package No lead 2x3mm², Outline
Note: 1. Drawing is not to scale.
2. The central pad (the area E2 by D2 in the above illustration) is pulled, internally, to VSS. It must not be allowed to be connected to
any other voltage or signal line on the PCB, for example during the soldering process.
Table 20. UFDFPN8 (MLP8) 8-lead Ultra thin Fine pitch Dual Flat Package No lead 2x3mm², Data
Symbol
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
0.55
0.50
0.60
0.022
0.020
0.024
A1
0.00
0.05
0.000
0.002
b
0.25
0.20
0.30
0.010
0.008
0.012
D
2.00
0.079
D2
1.55
1.65
0.061
0.065
ddd
0.05
0.002
E
3.00
0.118
E2
0.15
0.25
0.006
0.010
e
0.50
–
–
0.020
–
–
L
0.45
0.40
0.50
0.018
0.016
0.020
L1
0.15
0.006
L3
0.30
0.012
N8
8
D
E
UFDFPN-01
A
A1
ddd
L1
e
b
D2
L
E2
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29