| データシートサーチシステム |
|
74V1G384STR データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74V1G384STR データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 9 page ![]() 74V1G384 4/9 CAPACITIVE CHARACTERISTICS 1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC Symbol Parameter Test Condition Value Unit VCC (V) TA =25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. CIN Input Capacitance 410 10 10 pF CI/O Output Capacitance 7pF CPD Power Dissipation Capacitance (note 1) 3.3 2.5 pF 5.0 3 |