データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFIZ48VPBF データシート(PDF) 6 Page - International Rectifier

部品番号 IRFIZ48VPBF
部品情報  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRFIZ48VPBF データシート(HTML) 6 Page - International Rectifier

  IRFIZ48VPBF Datasheet HTML 1Page - International Rectifier IRFIZ48VPBF Datasheet HTML 2Page - International Rectifier IRFIZ48VPBF Datasheet HTML 3Page - International Rectifier IRFIZ48VPBF Datasheet HTML 4Page - International Rectifier IRFIZ48VPBF Datasheet HTML 5Page - International Rectifier IRFIZ48VPBF Datasheet HTML 6Page - International Rectifier IRFIZ48VPBF Datasheet HTML 7Page - International Rectifier IRFIZ48VPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFIZ48V
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DS S
I AS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
R G
IAS
0.01
Ω
tp
D.U.T
L
V DS
+
-
VDD
DR IV E R
A
15V
20V
25
50
75
100
125
150
175
0
100
200
300
400
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
29A
51A
72A



Html Pages

1 2 3 4 5 6 7 8