| データシートサーチシステム |
|
IP140 データシート(PDF) 3 Page - Seme LAB |
|
|
|||||||||||||||||||||||||||||
IP140 データシート(HTML) 3 Page - Seme LAB |
|
3 / 5 page ![]() IP140A SERIES IP140 SERIES IP7800A SERIES IP7800 SERIES LM140 SERIES Prelim.5/00 Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk 1) All characteristics are measured with a capacitor across the input of 0.22 mF and a capacitor across the output of 0.1mF. All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp £ 10ms, d£ 5%). Output voltage changes due to changes in internal temperature must be taken into account separately. 2) Although power dissipation is internally limited, these specifications are applicable for maximum power dissipation PMAX of 20W , IMAX = 1.0A. 3) TJ = 25°C unless otherwise stated. VO Output Voltage VO Low Supply DVO Line Regulation DVO Load Regulation IQ Quiescent Current DIQ Quiescent Current Change VN Output Noise Voltage DVIN Ripple Rejection DVO Dropout Voltage RO Output Resistance Isc Short Circuit Current Ipk Peak Output Current Average Temperature Coefficient of VO Input Voltage required to maintain line regulation IP7812A IP7812 LM,IP140–12 LM,IP140–12 Parameter Test Conditions Min. Typ. Max. Min. Typ. Max. Units IO = 1A VIN = 19V IO = 5mA to IMAX PD £ PMAX VIN = 14.8V to 27V TJ = -55 to 150°C IO = 5mA to IMAX PD £ PMAX VIN = 14.5V to 27V VIN = 14.5V to 30V IO = 0.5 IMAX VIN = 14.8V to 30V TJ = -55 to 150°C IO £ IMAX VIN = 14.5V to 27V VIN = 16V to 22V TJ = -55 to 150°C IO = 5mA to 1.5A VIN = 19V IO = 250mA to 750mA VIN = 19V IO = 5mA to IMAX TJ = -55 to 150°C IO £ IMAX VIN = 19V TJ = -55 to 150°C IO = 5mA to IMAX VIN = 19V IO £ IMAX VIN = 14.8V to 27V TJ = -55 to 150°C IO £ 0.5 IMAX VIN = 15V to 30V IO £ 0.5 IMAX VIN = 14.5V to 30V TJ = -55 to 150°C f = 10Hz to 100kHz VIN = 19V IO £ IMAX f = 120Hz IO £ 0.5 IMAX VIN = 15V to 25V TJ = -55 to 150°C IO = IMAX f = 1 kHz VIN = 35V VIN = 19V IO = 5mA IO £ IMAX 11.5 12 12.5 11.4 12.6 11.4 12.6 120 120 120 50 60 120 60 120 6 7 0.5 0.8 0.8 1 75 61 61 2 8 0.6 1.2 2.4 3.3 1.5 14.6 11.88 12 12.12 11.64 12.36 11.40 12.36 418 418 418 29 430 12 32 419 860 46 4 6.5 0.2 0.5 0.1 0.8 0.1 0.8 0.2 1 75 480 61 72 61 72 2 2.5 8 0.6 1.2 2.4 3.3 0.5 4.8 14.5 V V mV mV mA mA mV dB V m W A mV °C V |