データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6021 データシート(PDF) 15 Page - Microchip Technology

部品番号 MCP6021
部品情報  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6021 データシート(HTML) 15 Page - Microchip Technology

Back Button MCP6021 Datasheet HTML 11Page - Microchip Technology MCP6021 Datasheet HTML 12Page - Microchip Technology MCP6021 Datasheet HTML 13Page - Microchip Technology MCP6021 Datasheet HTML 14Page - Microchip Technology MCP6021 Datasheet HTML 15Page - Microchip Technology MCP6021 Datasheet HTML 16Page - Microchip Technology MCP6021 Datasheet HTML 17Page - Microchip Technology MCP6021 Datasheet HTML 18Page - Microchip Technology MCP6021 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
 2003 Microchip Technology Inc.
DS21685B-page 15
MCP6021/2/3/4
4.0
DESIGN TOOLS
Microchip provides the basic design tools needed for
the MCP6021/2/3/4 family of op amps.
4.1
SPICE Macro Model
The latest SPICE macro model for the MCP6021/2/3/4
op
amps
is
available
on
our
web
site
(www.microchip.com). This model is intended as an
initial design tool that works well in the op amp’s linear
region of operation at room temperature. See the
model file for information on its capabilities.
Bench testing is a very important part of any design and
cannot be replaced with simulations. Also, simulation
results using this macro model need to be validated by
comparing them to the data sheet specs and plots.
4.2
FilterLab® Software
The FilterLab® software is an innovative tool that
simplifies analog active filter (using op amps) design.
Available at no cost from our web site (at www.micro-
chip.com), the FilterLab software active filter design
tool provides full schematic diagrams of the filter circuit
with component values. It also outputs the filter circuit
in SPICE format, which can be used with the Macro
Model to simulate actual filter performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28