データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RH56D-PCI データシート(PDF) 9 Page - Synaptics Incorporated.

部品番号 RH56D-PCI
部品情報  Host Controlled V.90/K56flex Modem device
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CONEXANT [Synaptics Incorporated.]
ホームページ  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RH56D-PCI データシート(HTML) 9 Page - Synaptics Incorporated.

Back Button RH56D-PCI Datasheet HTML 4Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 5Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 6Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 7Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 8Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 9Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 10Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 11Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 12Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9.IOH[0RGHP'HYLFH6HWIRU'HVNWRS$SSOLFDWLRQV
5+'3&,
0'
&RQH[DQW

&RQH[DQW 3URSULHWDU\ ,QIRUPDWLRQ
e
b
D
DETAIL A
DETAIL A
A1
L1
c
L
A
D2
D1
D1
A2
Millimeters
0.05
21.75
0.5
0.17
0.11
1.6 MAX
0.15
1.4 REF
22.25
20.0 REF
17.5 REF
0.75
1.0 REF
0.50 BSC
0.27
0.17
0.08 MAX
0.0020
0.8563
0.0197
0.0067
0.0043
A
A1
A2
D
D1
D2
L
L1
e
b
c
Coplanarity
Min.
Max.
Min.
Max.
Inches*
Dim.
Ref: 144-PIN TQFP (GP00-D252)
* Metric values (millimeters) should be used for
PCB layout. English values (inches) are
converted from metric values and may include
round-off errors.
0.0630 MAX
0.0059
0.0551 REF
0.8760
0.7874 REF
0.6890 REF
0.0295
0.0394 REF
0.0197 BSC
0.0106
0.0067
0.0031 MAX
PD-TQFP-144 (040395)
D1
D
D2
D1
PIN 1
REF
)LJXUH  3DFNDJH 'LPHQVLRQV  3LQ 74)3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12