| データシートサーチシステム |
|
M95320-RDL6T データシート(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95320-RDL6T データシート(HTML) 20 Page - STMicroelectronics |
|
20 / 39 page ![]() M95640, M95320 20/39 POWER-UP AND DELIVERY STATE Power-up State After Power-up, the device is in the following state: – Stand-by mode – deselected (after Power-up, a falling edge is re- quired on Chip Select (S) before any instruc- tions can be started). – not in the Hold Condition – the Write Enable Latch (WEL) is reset to 0 – Write In Progress (WIP) is reset to 0 the SRWD, BP1 and BP0 bits of the Status Regis- ter are unchanged from the previous power-down (they are non-volatile bits). INITIAL DELIVERY STATE The device is delivered with the memory array set at all 1s (FFh). The Status Register Write Disable (SRWD) and Block Protect (BP1 and BP0) bits are initialized to 0. |