| データシートサーチシステム |
|
STB190NF04/-1 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STB190NF04/-1 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() 1/9 PRELIMINARY DATA February 2004 STP190NF04 STB190NF04 STB190NF04-1 N-CHANNEL 40V - 3.9 m Ω - 120A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET s TYPICAL RDS(on) =3.9 mΩ s STANDARD THRESHOLD DRIVE s 100% AVALANCHE TESTED DESCRIPTION This Power MOSFET is the latest development of STMicroelectronis unique "Single Feature Size™" strip-based process. The resulting transistor shows extremely high packing density for low on- resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. APPLICATIONS s HIGH CURENT, HIGH SWITCHING SPEED s AUTOMOTIVE TYPE VDSS RDS(on) ID STB190NF04/-1 STP190NF04 40 V 40 V <0.0043 Ω <0.0043 Ω 120 A 120 A 1 2 3 1 3 1 2 3 TO-220 D2PAK TO-263 I2PAK TO-262 ABSOLUTE MAXIMUM RATINGS ( •) Current limited by package ( ••) Pulse width limited by safe operating area. 1) ISD ≤190A, di/dt ≤600A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX Symbol Parameter Value Unit VDS Drain-source Voltage (VGS = 0) 40 V VDGR Drain-gate Voltage (RGS = 20 kΩ) 40 V VGS Gate- source Voltage ± 20 V ID(•) Drain Current (continuous) at TC = 25°C 120 A ID Drain Current (continuous) at TC = 100°C 120 A IDM(••) Drain Current (pulsed) 480 A Ptot Total Dissipation at TC = 25°C 310 W Derating Factor 2.07 W/°C dv/dt (1) Peak Diode Recovery voltage slope 7 V/ns EAS (1) Single Pulse Avalanche Energy 860 mJ Tstg Storage Temperature -55 to 175 °C Tj Max. Operating Junction Temperature INTERNAL SCHEMATIC DIAGRAM |
同様の部品番号 - STB190NF04/-1 |
|
同様の説明 - STB190NF04/-1 |