データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24C01-DW6TP/G データシート(PDF) 6 Page - STMicroelectronics

部品番号 M24C01-DW6TP/G
部品情報  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-DW6TP/G データシート(HTML) 6 Page - STMicroelectronics

Back Button M24C01-DW6TP/G Datasheet HTML 2Page - STMicroelectronics M24C01-DW6TP/G Datasheet HTML 3Page - STMicroelectronics M24C01-DW6TP/G Datasheet HTML 4Page - STMicroelectronics M24C01-DW6TP/G Datasheet HTML 5Page - STMicroelectronics M24C01-DW6TP/G Datasheet HTML 6Page - STMicroelectronics M24C01-DW6TP/G Datasheet HTML 7Page - STMicroelectronics M24C01-DW6TP/G Datasheet HTML 8Page - STMicroelectronics M24C01-DW6TP/G Datasheet HTML 9Page - STMicroelectronics M24C01-DW6TP/G Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
6/29
Figure 5. I2C Bus Protocol
Table 2. Device Select Code
Note: 1. The most significant bit, b7, is sent first.
2. E0, E1 and E2 are compared against the respective external pins on the memory device.
3. A10, A9 and A8 represent most significant bits of the address.
Device Type Identifier1
Chip Enable2,3
RW
b7
b6
b5
b4
b3
b2
b1
b0
M24C01 Select Code
1010
E2
E1
E0
RW
M24C02 Select Code
1010
E2
E1
E0
RW
M24C04 Select Code
1010
E2
E1
A8
RW
M24C08 Select Code
1010
E2
A9
A8
RW
M24C16 Select Code
1010
A10
A9
A8
RW
SCL
SDA
SCL
SDA
SDA
START
Condition
SDA
Input
SDA
Change
AI00792B
STOP
Condition
1
23
7
89
MSB
ACK
START
Condition
SCL
1
23
7
89
MSB
ACK
STOP
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29