| データシートサーチシステム |
|
PD780133 データシート(PDF) 39 Page - NEC |
|
|
|||||||||||||||||||||||||||||
PD780133 データシート(HTML) 39 Page - NEC |
|
39 / 558 page ![]() CHAPTER 2 PIN FUNCTIONS User’s Manual U16228EJ2V0UD 39 (2) Non-port pins (2/2) Pin Name I/O Function After Reset Alternate Function AVREF Input A/D converter reference voltage input and positive power supply for port 2 − − AVSS − A/D converter ground potential. Make the same potential as EVSS or VSS. − − KR0 to KR7 Input Key interrupt input Input P70 to P77 REGC − Connecting regulator output stabilization capacitor. When using the regulator, connect to VSS via a capacitor (1 µF: recommended). When the regulator is not used, connect directly to VDD. − − RESET Input System reset input − − X1 Input − − X2 − Connecting resonator for X1 input clock − − XT1 Input − − XT2 − Connecting resonator for subsystem clock − − VDD − Positive power supply (except for ports) − − EVDD − Positive power supply for ports − − VSS − Ground potential (except for ports) − − EVSS − Ground potential for ports − − IC − Internally connected. Connect directly to EVSS or VSS. − − VPP − Flash memory programming mode setting. High-voltage application for program write/verify. Connect to EVSS or VSS in normal operation mode. − − |