| データシートサーチシステム |
|
M95320-RDL3TP データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95320-RDL3TP データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 39 page ![]() M95640, M95320 22/39 DC AND AC PARAMETERS This section summarizes the operating and mea- surement conditions, and the DC and AC charac- teristics of the device. The parameters in the DC and AC Characteristic tables that follow are de- rived from tests performed under the Measure- ment Conditions summarized in the relevant tables. Designers should check that the operating conditions in their circuit match the measurement conditions when relying on the quoted parame- ters. Table 8. Operating Conditions (M95xxx) Table 9. Operating Conditions (M95xxx-W) Table 10. Operating Conditions (M95xxx-R) Note: 1. This product is under development. For more information, please contact your nearest ST sales office. Table 11. AC Measurement Conditions Note: 1. Output Hi-Z is defined as the point where data out is no longer driven. Figure 16. AC Measurement I/O Waveform Symbol Parameter Min. Max. Unit VCC Supply Voltage 4.5 5.5 V TA Ambient Operating Temperature (range 6) –40 85 °C Ambient Operating Temperature (range 3) –40 125 °C Symbol Parameter Min. Max. Unit VCC Supply Voltage 2.5 5.5 V TA Ambient Operating Temperature (range 6) –40 85 °C Ambient Operating Temperature (range 3) –40 125 °C Symbol Parameter1 Min. Max. Unit VCC Supply Voltage 1.8 5.5 V TA Ambient Operating Temperature –40 85 °C Symbol Parameter Min. Max. Unit CL Load Capacitance 100 pF Input Rise and Fall Times 50 ns Input Pulse Voltages 0.2VCC to 0.8VCC V Input and Output Timing Reference Voltages 0.3VCC to 0.7VCC V AI00825B 0.8VCC 0.2VCC 0.7VCC 0.3VCC Input and Output Timing Reference Levels Input Levels |