| データシートサーチシステム |
|
M95320-WDL6TP データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95320-WDL6TP データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 39 page ![]() 5/39 M95640, M95320 SUMMARY DESCRIPTION These electrically erasable programmable memo- ry (EEPROM) devices are accessed by a high speed SPI-compatible bus. The memory array is organized as 8192 x 8 bit (M95640), and 4096 x 8 bit (M95320). The device is accessed by a simple serial interface that is SPI-compatible. The bus signals are C, D and Q, as shown in Table 1 and Figure 2. The device is selected when Chip Select (S) is tak- en Low. Communications with the device can be interrupted using Hold (HOLD). Figure 2. Logic Diagram Figure 3. DIP and SO Connections Note: 1. See page 33 (onwards) for package dimensions, and how to identify pin-1. Figure 4. TSSOP14 Connections Note: 1. See page 33 (onwards) for package dimensions, and how to identify pin-1. 2. NC = Not Connected Table 1. Signal Names AI01789C S VCC M95xxx HOLD VSS W Q C D C Serial Clock D Serial Data Input Q Serial Data Output S Chip Select W Write Protect HOLD Hold VCC Supply Voltage VSS Ground D VSS C HOLD Q SVCC W AI01790D M95xxx 1 2 3 4 8 7 6 5 1 AI02346C 2 3 4 14 9 10 8 D VSS WC S HOLD M95xxx NC Q NC NC NC NC NC 5 6 7 12 13 11 VCC |