データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M95256-RBN6G データシート(PDF) 20 Page - STMicroelectronics

部品番号 M95256-RBN6G
部品情報  256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-RBN6G データシート(HTML) 20 Page - STMicroelectronics

Back Button M95256-RBN6G Datasheet HTML 16Page - STMicroelectronics M95256-RBN6G Datasheet HTML 17Page - STMicroelectronics M95256-RBN6G Datasheet HTML 18Page - STMicroelectronics M95256-RBN6G Datasheet HTML 19Page - STMicroelectronics M95256-RBN6G Datasheet HTML 20Page - STMicroelectronics M95256-RBN6G Datasheet HTML 21Page - STMicroelectronics M95256-RBN6G Datasheet HTML 22Page - STMicroelectronics M95256-RBN6G Datasheet HTML 23Page - STMicroelectronics M95256-RBN6G Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
M95256, M95128
20/39
POWER-UP AND DELIVERY STATE
Power-up State
After Power-up, the device is in the following state:
–
Standby Power mode
–
deselected (after Power-up, a falling edge is
required on Chip Select (S) before any
instructions can be started).
–
not in the Hold Condition
–
the Write Enable Latch (WEL) is reset to 0
–
Write In Progress (WIP) is reset to 0
The SRWD, BP1 and BP0 bits of the Status Reg-
ister are unchanged from the previous power-
down (they are non-volatile bits).
Initial Delivery State
The device is delivered with the memory array set
at all 1s (FFh). The Status Register Write Disable
(SRWD) and Block Protect (BP1 and BP0) bits are
initialized to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39