データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24C01-DS3TP/G データシート(PDF) 12 Page - STMicroelectronics

部品番号 M24C01-DS3TP/G
部品情報  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-DS3TP/G データシート(HTML) 12 Page - STMicroelectronics

Back Button M24C01-DS3TP/G Datasheet HTML 8Page - STMicroelectronics M24C01-DS3TP/G Datasheet HTML 9Page - STMicroelectronics M24C01-DS3TP/G Datasheet HTML 10Page - STMicroelectronics M24C01-DS3TP/G Datasheet HTML 11Page - STMicroelectronics M24C01-DS3TP/G Datasheet HTML 12Page - STMicroelectronics M24C01-DS3TP/G Datasheet HTML 13Page - STMicroelectronics M24C01-DS3TP/G Datasheet HTML 14Page - STMicroelectronics M24C01-DS3TP/G Datasheet HTML 15Page - STMicroelectronics M24C01-DS3TP/G Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
12/29
Sequential Read
This operation can be used after a Current Ad-
dress Read or a Random Address Read. The bus
master does acknowledge the data byte output,
and sends additional clock pulses so that the de-
vice continues to output the next byte in sequence.
To terminate the stream of bytes, the bus master
must not acknowledge the last byte, and must
generate a Stop condition, as shown in Figure 9..
The output data comes from consecutive address-
es, with the internal address counter automatically
incremented after each byte output. After the last
memory address, the address counter ‘rolls-over’,
and the device continues to output data from
memory address 00h.
Acknowledge in Read Mode
For all Read commands, the device waits, after
each byte read, for an acknowledgment during the
9th bit time. If the bus master does not drive Serial
Data (SDA) Low during this time, the device termi-
nates the data transfer and switches to its Stand-
by mode.
INITIAL DELIVERY STATE
The device is delivered with the memory array
erased: all bits are set to 1 (each byte contains
FFh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29