データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9925BBCZRL データシート(PDF) 85 Page - Analog Devices

部品番号 AD9925BBCZRL
部品情報  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL データシート(HTML) 85 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 81Page - Analog Devices AD9925BBCZRL Datasheet HTML 82Page - Analog Devices AD9925BBCZRL Datasheet HTML 83Page - Analog Devices AD9925BBCZRL Datasheet HTML 84Page - Analog Devices AD9925BBCZRL Datasheet HTML 85Page - Analog Devices AD9925BBCZRL Datasheet HTML 86Page - Analog Devices AD9925BBCZRL Datasheet HTML 87Page - Analog Devices AD9925BBCZRL Datasheet HTML 88Page - Analog Devices AD9925BBCZRL Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 96 page
background image
AD9925
Rev. A | Page 85 of 96
Table 72. Field 4 Register Map
Address
Data Bit Content
Default Value
Register Name
Register Description
F0
[3:0]
[4]
[5]
[9:6]
[10]
[11]
[15:12]
[16]
[17]
[21:18]
[22]
[23]
X
X
X
X
X
X
X
X
X
X
X
X
VSEQSEL0_4
SWEEP0_4
MULTI0_4
VSEQSEL1_4
SWEEP1_4
MULTI1_4
VSEQSEL2_4
SWEEP2_4
MULTI2_4
VSEQSEL3_4
SWEEP3_4
MULTI3_4
Selected Vertical Sequence for Region 0.
Select Sweep Region for Region 0. 0 = No Sweep, 1 = Sweep.
Select Multiplier Region for Region 0. 0 = No Multiplier, 1 = Multiplier.
Selected Vertical Sequence for Region 1.
Select Sweep Region for Region 1. 0 = No Sweep, 1 = Sweep.
Select Multiplier Region for Region 1. 0 = No Multiplier, 1 = Multiplier.
Selected Vertical Sequence for Region 2.
Select Sweep Region for Region 2. 0 = No Sweep, 1 = Sweep.
Select Multiplier Region for Region 2. 0 = No Multiplier, 1 = Multiplier.
Selected Vertical Sequence for Region 3.
Select Sweep Region for Region 3. 0 = No Sweep, 1 = Sweep.
Select Multiplier Region for Region 3. 0 = No Multiplier, 1 = Multiplier.
F1
[3:0]
[4]
[5]
[9:6]
[10]
[11]
[15:12]
[16]
[17]
[23:18]
X
X
X
X
X
X
X
X
X
VSEQSEL4_4
SWEEP4_4
MULTI4_4
VSEQSEL5_4
SWEEP5_4
MULTI5_4
VSEQSEL6_4
SWEEP6_4
MULTI6_4
UNUSED
Selected Vertical Sequence for Region 4.
Select Sweep Region for Region 4. 0 = No Sweep, 1 = Sweep.
Select Multiplier Region for Region 4. 0 = No Multiplier, 1 = Multiplier.
Selected Vertical Sequence for Region 5.
Select Sweep Region for Region 5. 0 = No Sweep, 1 = Sweep.
Select Multiplier Region for Region 5. 0 = No Multiplier, 1 = Multiplier.
Selected Vertical Sequence for Region 6.
Select Sweep Region for Region 6. 0 = No Sweep, 1 = Sweep.
Select Multiplier Region for Region 6. 0 = No Multiplier, 1 = Multiplier.
Unused.
F2
[11:0]
[23:12]
X
X
SCP1_4
SCP2_4
Vertical Sequence Change Position No. 1 for Field 4.
Vertical Sequence Change Position No. 2 for Field 4.
F3
[11:0]
[23:12]
X
X
SCP3_4
SCP4_4
Vertical Sequence Change Position No. 3 for Field 4.
Vertical Sequence Change Position No. 4 for Field 4.
F4
[11:0]
[23:12]
X
X
VDLEN_4
HDLAST_4
VD Field Length (Number of Lines) for Field 4.
HD Line Length (Number of Pixels) for Last Line in Field 4.
F5
[3:0]
[9:4]
[21:10]
[22]
X
X
X
X
VPATSECOND_4
SGMASK_4
SGPATSEL_4
HDLAST13_4
Selected Second Vertical Pattern Group for VSG Active Line.
Masking of VSG Outputs during VSG Active Line.
Selection of VSG Patterns for Each VSG Output.
MSB for 13-Bit Last Line Length
F6
[11:0]
[23:12]
X
X
SGLINE1_4
SGLINE2_4
VSG Active Line 1.
VSG Active Line 2.
(If No Second Line Is Needed, Set to Same as Line 1 or Maximum).
F7
[11:0]
[23:12]
X
X
SCP5_4
SCP6_4
Vertical Sequence Change Position No. 5 for Field 4.
Vertical Sequence Change Position No. 6 for Field 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96