データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCSO1ES データシート(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

部品番号 MCSO1ES
部品情報  Airbone equipments
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
ホームページ  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO1ES データシート(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  MCSO1ES_17 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO1ES_17 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 3.0/05.2017
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
ENVIRONMENTAL
CHARACTERISTICS:
Storage temp. range
-65 to +125°C
Vibration resistance (survival)
10 to 2000Hz / 80g
Shocks resistance (survival)
10000g / 0.3ms / ½ sine
TERMINATIONS AND
PROCESSING:
Reflow soldering
+260°C / 10s max
Package
Ceramic 8 x 4 x 2.2mm
Lids (standard)
Kovar
Lids (on request)
Ceramic (Kovar on version T)
Terminations option T3 on request
(not available on T temperature range)
with tinned Ag/Cu/Sn
E/D option 1 on request
Reaction time ˂ 1μs
Pin 1 open → Pin 3 Clock
H →
Clock
L →
Low
PRODUCT DESCRIPTION AND
ORDERING INFORMATION:
All specifications subject to change without notice.
Frequency «MHz»
0.032768
3.6864
4
8
10
12
12.8
14.7456
16
20
24
40
48
Other frequencies from 32 kHz up to 100 MHz on request
STANDARD FREQUENCIES:
- No power E/D function (pin 1) before Vdd is setting on
- E/D option not available for F ˂ 500 kHz
- E/D option on request (very low consumption in disable mode).
blank
= Kovar lids
C
= Ceramic lids
H
˃ 30MHz
blank
≤ 30MHz
W
= Vdd 2.5V
V
= Vdd 3.3V
blank
= Vdd 5V
R
= -10 to 150°C
S
= -10 to 175°C
T
= -10 to 210°C
X
= custom
Frequency
option 1 E/D
enable / disable
option 2
blank Au plated
T3 = tinned
customer
spec N°
MCSO1ES C H V - S 20MHz E/D T3 XXX
TAbLE 1: Idd
(Without load)
Frequency
F=32 kHz
F=< 10MHz
≤ 30MHz
>30 to
100MHz
W=Vdd = 2.5V
< 300μA
< 2mA
< 3mA
< 15mA
V=Vdd = 3.3V
< 1mA
< 4mA
< 5mA
< 20mA
blank=Vdd = 5V
< 2mA
< 6mA
< 7mA
< 30mA
A unique part number will be generated for each product specification: i.e:
20xxxx-EA00
xxx pcs
(in ESD plastic tray)
200xxx-ML00
xxx pcs
(in tape & reel, any quantity)



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com