データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24C02-RDS6TG/G データシート(PDF) 22 Page - STMicroelectronics

部品番号 M24C02-RDS6TG/G
部品情報  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-RDS6TG/G データシート(HTML) 22 Page - STMicroelectronics

Back Button M24C02-RDS6TG/G Datasheet HTML 18Page - STMicroelectronics M24C02-RDS6TG/G Datasheet HTML 19Page - STMicroelectronics M24C02-RDS6TG/G Datasheet HTML 20Page - STMicroelectronics M24C02-RDS6TG/G Datasheet HTML 21Page - STMicroelectronics M24C02-RDS6TG/G Datasheet HTML 22Page - STMicroelectronics M24C02-RDS6TG/G Datasheet HTML 23Page - STMicroelectronics M24C02-RDS6TG/G Datasheet HTML 24Page - STMicroelectronics M24C02-RDS6TG/G Datasheet HTML 25Page - STMicroelectronics M24C02-RDS6TG/G Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
22/29
Figure 13. SO8 narrow – 8 lead Plastic Small Outline, 150 mils body width, Package Outline
Note: Drawing is not to scale.
Table 19. SO8 narrow – 8 lead Plastic Small Outline, 150 mils body width, Package Mechanical Data
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e1.27
–
–
0.050
––
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
0.90
0.016
0.035
α
0°
8°
0°
8°
N8
8
CP
0.10
0.004
SO-a
E
N
CP
B
e
A
D
C
L
A1
α
1
H
h x 45˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29