データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCVF310PW データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCVF310PW
部品情報  2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDCVF310PW データシート(HTML) 4 Page - Texas Instruments

  CDCVF310PW Datasheet HTML 1Page - Texas Instruments CDCVF310PW Datasheet HTML 2Page - Texas Instruments CDCVF310PW Datasheet HTML 3Page - Texas Instruments CDCVF310PW Datasheet HTML 4Page - Texas Instruments CDCVF310PW Datasheet HTML 5Page - Texas Instruments CDCVF310PW Datasheet HTML 6Page - Texas Instruments CDCVF310PW Datasheet HTML 7Page - Texas Instruments CDCVF310PW Datasheet HTML 8Page - Texas Instruments CDCVF310PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
DETAILED DESCRIPTION
Output Enable Glitch Suppression Circuit
CLK
Gn
Yn
tsu(en)
th(en)
CLK
Gn
Yn
tsu(dis)
th(dis)
a) Enable Mode
b) Disable Mode
CDCVF310
SCAS771A – AUGUST 2004 – REVISED AUGUST 2004
The purpose of the glitch suppression circuitry is to ensure the output enable sequence is synchronized with the
clock input such that the output buffer is enabled or disabled on the next full period of the input clock (negative
edge triggered by the input clock) (see Figure 1).
The G input must fulfill the timing requirements (tsu, th) according to the Switching Characteristics table for
predictable operation.
Figure 1. Enable and Disable Mode Relative to CLK
↓
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12