データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC8237 データシート(PDF) 2 Page - SamHop Microelectronics Corp.

部品番号 SC8237
部品情報  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SC8237 データシート(HTML) 2 Page - SamHop Microelectronics Corp.

  SC8237 Datasheet HTML 1Page - SamHop Microelectronics Corp. SC8237 Datasheet HTML 2Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
m ohm
9.5
Symbol
Min
Typ
Max
Units
BVSSS
16
V
1
IGSS
±1
uA
VGS(th)
0.4
V
m ohm
VGS=4.5V , IS=4.5A
RSS(ON)
Source-Source On-State Resistance
ISSS
uA
Gate Threshold Voltage
VSS=VGS , IS=1mA
VSS=16V , VGS=0V
VGS= ±8V , VSS=0V
Zero Gate Voltage Source Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Source-Source Breakdown Voltage
VGS=0V ,
IS=250uA
ON CHARACTERISTICS
SC8237
0.7
1.2
gFS
14
S
Qg
308
nC
1232
3938
2904
tD(ON)
16.7
ns
tr
ns
tD(OFF)
ns
tf
ns
SWITCHING CHARACTERISTICS
VDD=13V
IS=4.5A
VGS=4.0V
RGEN=6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
VSS=5V , IS=4.5A
Forward Transconductance
c
VDD=13V,IS=9A,
VG1S1=4.0V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VFSS
Diode Forward Voltage
VGS=0V,IS=1.5A
0.77
1.2
V
Note
a.Mounted on FR4 board of 25.4mm x 25.4mm x 1.6mm.
b.Pulse Test:Pulse Width < 10us, Duty Cycle < 1%.
c.Guaranteed by design, not subject to production testing.
www.samhop.com.tw
2
m ohm
VGS=4.0V , IS=4.5A
10.0
m ohm
VGS=3.1V , IS=4.5A
11.0
m ohm
VGS=2.5V , IS=4.5A
12.0
7.0
7.5
8.0
8.5
8.5
8.8
9.5
10.0
__
Preliminary
480
226
85
CISS
pF
pF
pF
DYNAMIC CHARACTERISTICS
VSS=10V,VGS=0V
f=1.0MHz
Output Capacitance
Reverse Transfer Capacitance
Input Capacitance
c
COSS
CRSS
Apr,24,2015



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com