データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE4067 データシート(PDF) 1 Page - Pasternack Enterprises, Inc.

部品番号 PE4067
部品情報  TNC Male Connector Clamp/Solder Attachment
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4067 データシート(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4067 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4067 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4067 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4067 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE4067 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• TNC Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG58, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195, LMR-195 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 6 GHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4067 TNC male connector with clamp/solder attachment for RG58, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195 and LMR-195 is part of our full line of RF components available for same-day shipping. Our TNC
male connector operates up to a maximum frequency of 6 GHz and offers good VSWR of 1.5:1.
Our TNC male connector PE4067 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.5:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.06 in [26.92 mm]
Width/Dia.
0.571 in [14.50 mm]
.
Weight
0.046 lbs [20.87 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Connector Clamp/Solder Attachment for RG58, RG55, RG141, RG142, RG223,
RG400, RG303, PE-C195, PE-P195, LMR-195 PE4067
PE4067 REV 1.4
TNC Male Connector Clamp/Solder Attachment
for RG58, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195, LMR-195
RF Connectors Technical Data Sheet
PE4067


同様の部品番号 - PE4067

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE4067 PASTERNACK-PE4067 Datasheet
315Kb / 2P
TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results

同様の説明 - PE4067

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE4154 PASTERNACK-PE4154 Datasheet
225Kb / 3P
TNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4068 PASTERNACK-PE4068_16 Datasheet
410Kb / 3P
TNC Female Connector Clamp/Solder Attachment
PE4088 PASTERNACK-PE4088_16 Datasheet
370Kb / 4P
TNC Male Connector Clamp/Solder Attachment
PE4143 PASTERNACK-PE4143_14 Datasheet
250Kb / 2P
TNC Male Connector Clamp/Solder Attachment
PE4146 PASTERNACK-PE4146_16 Datasheet
397Kb / 3P
TNC Male Right Angle Connector Clamp/Solder Attachment
PE4154 PASTERNACK-PE4154_16 Datasheet
431Kb / 3P
TNC Male Connector Clamp/Solder Attachment
PE4303 PASTERNACK-PE4303 Datasheet
117Kb / 1P
TNC MALE CLAMP ATTACHMENT
PE4448 PASTERNACK-PE4448 Datasheet
118Kb / 1P
TNC MALE CLAMP ATTACHMENT
PE4449 PASTERNACK-PE4449_16 Datasheet
321Kb / 3P
TNC Male Connector Clamp/Solder Attachment
PE4456 PASTERNACK-PE4456_17 Datasheet
416Kb / 3P
TNC Male Right Angle Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com