| データシートサーチシステム |
|
HT86192 データシート(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT86192 データシート(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 39 page ![]() Pin Assignment Pad Assignment HT86072 Chip size: 2215´2830 (mm) 2 * The IC substrate should be connected to VSS in the PCB layout artwork. HT86XXX Rev. 1.70 3 May 6, 2004 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 H T 8 6 0 7 2 / H T 8 6 1 4 4 H T 8 6 1 9 2 / H T 8 6 3 8 4 2 8 S O P - A N C N C N C N C P A 7 P A 6 P A 5 P A 4 P A 3 P A 2 P A 1 P A 0 N C V S S N C N C N C N C N C O S C 2 O S C 1 I N T R E S A U D T E S T V D D A V D D V S S A 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 4 8 4 9 5 0 8 1 8 2 8 3 8 4 8 5 8 6 8 7 8 8 8 9 9 0 9 1 9 2 9 3 9 4 9 5 9 6 9 7 9 8 9 9 1 0 0 8 0 7 9 7 8 7 7 7 6 7 5 7 4 7 3 7 2 7 1 7 0 6 9 6 8 6 7 6 6 6 5 6 4 6 3 6 2 6 1 6 0 5 9 5 8 5 7 5 6 5 5 5 4 5 3 5 2 5 1 H T 8 6 0 7 2 / H T 8 6 1 4 4 H T 8 6 1 9 2 / H T 8 6 3 8 4 H T 8 6 5 7 6 / H T 8 6 7 6 8 1 0 0 Q F P - A N C N C N C N C N C N C N C N C N C N C N C N C N C N C N C N C P A 7 P A 6 P A 5 P A 4 P A 3 P A 2 P A 1 P A 0 P B 7 N C N C N C N C P B 6 N C N C N C N C N C N C N C N C N C N C N C N C N C N C N C N C N C N C N C N C O S C 2 N C N C O S C 1 N C I N T N C N C N C R E S 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 3 2 3 1 3 0 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 H T 8 6 5 7 6 / H T 8 6 7 6 8 3 2 S O P - B P A 5 P A 4 P A 3 P A 2 P A 1 P A 0 N C V S S V D D A U D I N T N C N C N C R E S O S C 1 P A 7 P A 6 N C N C N C N C N C N C N C N C N C N C N C N C N C O S C 2 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 P A 7 P A 6 P A 5 P A 4 P A 3 P A 2 P A 1 P A 0 P B 7 P B 6 P B 5 P B 4 P B 3 P B 2 ( 0 , 0 ) O S C 2 O S C 1 I N T |