データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SP7653ER/TR データシート(PDF) 12 Page - Sipex Corporation

部品番号 SP7653ER/TR
部品情報  Wide Input Voltage Range, 1.3MHz,Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIPEX [Sipex Corporation]
ホームページ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7653ER/TR データシート(HTML) 12 Page - Sipex Corporation

Back Button SP7653ER/TR Datasheet HTML 4Page - Sipex Corporation SP7653ER/TR Datasheet HTML 5Page - Sipex Corporation SP7653ER/TR Datasheet HTML 6Page - Sipex Corporation SP7653ER/TR Datasheet HTML 7Page - Sipex Corporation SP7653ER/TR Datasheet HTML 8Page - Sipex Corporation SP7653ER/TR Datasheet HTML 9Page - Sipex Corporation SP7653ER/TR Datasheet HTML 10Page - Sipex Corporation SP7653ER/TR Datasheet HTML 11Page - Sipex Corporation SP7653ER/TR Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
Date: 03/25/05
SP7653 Wide Input Voltage Range, 1.3MHz, Buck Regulator
© Copyright 2005 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Part Number
Temperature
Package
SP7653ER/TR ......................................... -40°C to +85°C ................................. 26 Pin 7 X 4 DFN
SP7653ER-L/TR ..................................... -40°C to +85°C ............. (Lead Free) 26 Pin 7 X 4 DFN
/TR = Tape and Reel
Pack quantity is 3,000 DFN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com