データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE4192 データシート(PDF) 1 Page - Pasternack Enterprises, Inc.

部品番号 PE4192
部品情報  LC Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, 1.44 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4192 データシート(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4192_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4192_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4192_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• LC Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Pin Interface Type
• Solder Attachment
• 4 Hole Flange
Features
• Silver Plated Contact
• Contact plating according to QQ-S-365
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4192 LC female connector solder attachment 4 hole flange mount pin terminal, 1.44 inch hole spacing is
part of our full line of RF components available for same-day shipping. This LC 4 hole flange connector allows designers to
create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount
applications.
Our LC female 4 hole flange connector PE4192 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
2.25 in [57.15 mm]
Width/Dia.
2 in [50.80 mm]
Height
2 in [50.8 mm]
.
Weight
0.438 lbs [198.67 g]
.
Material Specifications
Description
Material
Plating
Contact
Silver
QQ-S-365
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: LC Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, 1.44 inch Hole
Spacing PE4192
PE4192 REV 1.1
LC Female Connector Solder Attachment 4 Hole Flange
Mount Pin Terminal, 1.44 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4192


同様の部品番号 - PE4192_16

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE4192 PASTERNACK-PE4192 Datasheet
803Kb / 2P
LC Female Connector Solder Attachment 4 Hole Flange Pin Terminal, 1.440 inch Hole Spacing
More results

同様の説明 - PE4192_16

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE4192 PASTERNACK-PE4192 Datasheet
803Kb / 2P
LC Female Connector Solder Attachment 4 Hole Flange Pin Terminal, 1.440 inch Hole Spacing
PE44218 PASTERNACK-PE44218 Datasheet
215Kb / 3P
2.4mm Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4538 PASTERNACK-PE4538 Datasheet
206Kb / 2P
SMA Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .375 inch x .500 inch Hole Spacing
PE4355 PASTERNACK-PE4355 Datasheet
251Kb / 2P
N Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4217 PASTERNACK-PE4217 Datasheet
379Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
PE44434 PASTERNACK-PE44434 Datasheet
220Kb / 3P
SSMA Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .232 inch Hole Spacing
PE4183 PASTERNACK-PE4183_16 Datasheet
361Kb / 3P
HN Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .906 inch Hole Spacing
PE4217 PASTERNACK-PE4217_16 Datasheet
351Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
PE4218 PASTERNACK-PE4218_16 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .718 inch Hole Spacing
PE44217 PASTERNACK-PE44217 Datasheet
327Kb / 3P
2.4mm Female Connector Solder Attachment 2 Hole Flange Mount Pin Terminal, .481 inch Hole Spacing
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com