| データシートサーチシステム |
|
CCP-47NXE-RMS データシート(PDF) 2 Page - Teledyne Technologies Incorporated |
|
|
|||||||||||||||||||||||||||||
CCP-47NXE-RMS データシート(HTML) 2 Page - Teledyne Technologies Incorporated |
|
2 / 6 page ![]() CCP-47N Page 2 SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE © 2013 TELEDYNE COAX SWITCHES CCP-47N\072013\Q3 Series CCP-47N Low PIM DC–3 GHz Latching TRANSFER Coaxial Switch COAX SWITCHES SCHEMATICS AND MECHANICAL OUTLINE 9 PIN D-SUB PINOUT FOR LATCHING TRANSFER OPTIONS Pin No. Basic Indicators TTL Indicators & TTL 11 1 22 2 3 C C Common Common 41 1 52 2 6Vsw Vsw 7A A 8B B 9C C TRUTH TABLE (with TTL option) Logic Input RF Path Indicator (if applicable) 12 1-2 1-3 2-4 3-4 A B 00 No Change N/A 10 Off On On Off A & C 01 On Off Off On B & C 11 Forbidden N/A “-S OPTION” 9-PIN D-SUB CONNECTOR (EXAMPLE: CCP-47N60-S) |