データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BPX81-2/3 データシート(PDF) 9 Page - OSRAM GmbH

部品番号 BPX81-2/3
部品情報  Computer-controlled flashes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX81-2/3 データシート(HTML) 9 Page - OSRAM GmbH

Back Button BPX81-2/3 Datasheet HTML 2Page - OSRAM GmbH BPX81-2/3 Datasheet HTML 3Page - OSRAM GmbH BPX81-2/3 Datasheet HTML 4Page - OSRAM GmbH BPX81-2/3 Datasheet HTML 5Page - OSRAM GmbH BPX81-2/3 Datasheet HTML 6Page - OSRAM GmbH BPX81-2/3 Datasheet HTML 7Page - OSRAM GmbH BPX81-2/3 Datasheet HTML 8Page - OSRAM GmbH BPX81-2/3 Datasheet HTML 9Page - OSRAM GmbH BPX81-2/3 Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Version 1.3
BPX 81
2016-01-04
9
Glossary
1) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or
calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily
correspond to the actual parameters of each single product, which could differ from the typical data and calculated
correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data
will be changed without any further notice.



Html Pages

1 2 3 4 5 6 7 8 9 10