| データシートサーチシステム |
|
CCS-47N9E-R データシート(PDF) 1 Page - Teledyne Technologies Incorporated |
|
|
|||||||||||||||||||||||||||||
CCS-47N9E-R データシート(HTML) 1 Page - Teledyne Technologies Incorporated |
|
1 / 9 page ![]() © 2013 TELEDYNE RELAYS (800) 284-7007 • www.teledynecoax.com CCS-47/CS-47 Page 1 CCS-47\CS-47\082013\Q3 Series CCS-47/CS-47 High Power DC–12 GHz Latching TRANSFER Coaxial Switch COAX SWITCHES ELECTRICAL CHARACTERISTICS Form Factor TRANSFER, break before make Frequency Range CCS-47 CS-47 DC–12 GHz DC–12 GHz Characteristic Impedance 50 Ohms Operate Time 15 ms (max.) Actuation Voltage Available 12 15 24 28 V Actuation Current, max. @ ambient 160 130 80 60 mA ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS Operating Temperature Commercial Model, CCS-47 Elite Model, CS-47 –40°C to 65°C –55°C to 85°C Vibration (MIL-STD-202 Method 214, Condition D, non-operating) 10 g’s RMS Shock (MIL-STD-202 Method 213, Condition D, non-operating) 500 g’s Standard Actuator Life Actuator Life w/ Additional Features 3,000,000 cycles 1,000,000 cycles Connector Type Type N or TNC Humidity (Moisture Seal) Available Weight 6 oz. (170.1g) (max.) PART NUMBERING SYSTEM Connector N: Type N Female T: TNC Female Actuator Voltage 6: 28 Vdc Latching 7: 15 Vdc Latching 8: 12 Vdc Latching 9: 24 Vdc Latching Actuator Type 0: Standard Contacts C: Indicator Contacts D: Self Cutoff Only E: Indicators and Self Cutoff **SEE PARTS LIST ON PAGES 8-9 Options T: TTL Drivers with Diodes D: Transient Suppression Diodes R: Positive + Common M: Moisture Seal S: 9 Pin D-Sub Connector Actuator Voltage CCS-47 N 6 C - T ** Series Connectors Actuator Type Options For other options, contact factory. PART NUMBER DESCRIPTION CCS-47 Commercial Latching TRANSFER, DC-12GHz CS-47 Elite Latching TRANSFER, DC-12GHz The CCS-47/CS-47 is a long-life high performance transfer switch designed for use in 50 Ohms coaxial transmission lines operating over frequencies ranging from DC to 12 GHz. The switch is designed for minimum size compatible with Type N or TNC connector spacing. This switch is provided with a magnetic latching actuator which is particularly desirable in applications where actuator power consumption must be kept to an absolute minimum. The latching type actuator requires less switching current than the failsafe type. In the self-cutoff version, power is applied only for the very short duration (approximately 50 msec. max.) of the actuator transfer from one position of the other. This makes this type of actuator especially suitable for portable battery operated systems. PERFORMANCE CHARACTERISTICS: N CONNECTOR OPTION (TNC CONNECTOR, 11GHZ MAX.) Frequency DC–2 GHz 2–5 GHz 5–8 GHz 8–10 GHz 10-12 GHz Insertion Loss, dB, max. 0.2 0.2 0.3 0.5 0.5 Isolation, dB, min. 70 70 70 65 60 VSWR , max. 1.2:1 1.3:1 1.3:1 1.5:1 1.5:1 |
同様の部品番号 - CCS-47N9E-R |
|
同様の説明 - CCS-47N9E-R |