データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FN14720 データシート(PDF) 64 Page - Ledil, Inc.

部品番号 FN14720
部品情報  Stella series
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN14720 データシート(HTML) 64 Page - Ledil, Inc.

Back Button FN14720 Datasheet HTML 56Page - Ledil, Inc. FN14720 Datasheet HTML 57Page - Ledil, Inc. FN14720 Datasheet HTML 58Page - Ledil, Inc. FN14720 Datasheet HTML 59Page - Ledil, Inc. FN14720 Datasheet HTML 60Page - Ledil, Inc. FN14720 Datasheet HTML 61Page - Ledil, Inc. FN14720 Datasheet HTML 62Page - Ledil, Inc. FN14720 Datasheet HTML 63Page - Ledil, Inc. FN14720 Datasheet HTML 64Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 64 / 64 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64