データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FN15379 データシート(PDF) 1 Page - Ledil, Inc.

部品番号 FN15379
部品情報  Stella series
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15379 データシート(HTML) 1 Page - Ledil, Inc.

  FN15379 Datasheet HTML 1Page - Ledil, Inc. FN15379 Datasheet HTML 2Page - Ledil, Inc. FN15379 Datasheet HTML 3Page - Ledil, Inc. FN15379 Datasheet HTML 4Page - Ledil, Inc. FN15379 Datasheet HTML 5Page - Ledil, Inc. FN15379 Datasheet HTML 6Page - Ledil, Inc. FN15379 Datasheet HTML 7Page - Ledil, Inc. FN15379 Datasheet HTML 8Page - Ledil, Inc. FN15379 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
PRODUCT DATASHEET
Stella series
last update 7/7/2017
DETAILS
Product Number
FN15379_STELLA-VSM
Family
Stella
Type
Pack
Color
clear
Diameter
90 mm
Height
20,7 mm
Style
round
Optic Material
Silicone
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
7/07/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
VERO18
Asymmetric degWide-Area... 94 %
0.400
-
Vero SE 29
Asymmetric degWide-Area... 94 %
0.260
-
Vero SE 13
Asymmetric degWide-Area... 90 %
0.620
-
Vero SE 18
Asymmetric degWide-Area... 94 %
0.370
-
V10 Gen7
sim: AsymmetricWide-Area... sim: 93 % sim: 0.510 Bender Wirth: 434 Typ Z1
V22 Gen7
Asymmetric degWide-Area... 94 %
0.310
Bender Wirth: 431 Typ Z1
V18 Gen7
Asymmetric degWide-Area... 94 %
0.360
Bender Wirth: 439 Typ L3
V13 Gen7
sim: AsymmetricWide-Area... sim: 97 % sim: 0.380 Bender Wirth: 477 Typ Z1
V13 Gen7
sim: AsymmetricWide-Area... sim: 98 % sim: 0.400 -
CLL04x/CLU04x
sim: AsymmetricWide-Area... sim: 93 % sim: 0.320 -
CLL05x/CLU05x
Asymmetric degWide-Area... 94 %
0.260
-
CLL04x/CLU04x
sim: AsymmetricWide-Area... sim: 94 % sim: 0.330 Bender Wirth: 431 Typ Z1
CXA/B 30xx
sim: AsymmetricWide-Area... sim: 94 % sim: 0.300 Bender Wirth: 447 Typ Z1
CXA/B 25xx
sim: AsymmetricWide-Area... sim: 94 % sim: 0.350 -
CXA/B 1816 & CXA/B 1820 & CXA 1850 Asymmetric degWide-Area... 93 %
0.600
-
LUXEON CoB 1208
Asymmetric degWide-Area... 94 %
0.540
-
LUXEON CoB 1216/1812
sim: AsymmetricWide-Area... sim: 92 % sim: 0.270 -
LUXEON CoB 1321
Asymmetric degWide-Area... 93 %
0.250
-
LUXEON CoB 1825
Asymmetric degWide-Area... 93 %
0.250
-
CXM-22
sim: AsymmetricWide-Area... sim: 94 % sim: 0.300 Bender Wirth: 431 Typ Z1
COB H-Type
Asymmetric degWide-Area... 93 %
0.290
-
COB J-Type
Asymmetric degWide-Area... 94 %
0.500
-
COB D Series LES 22 mm
Asymmetric degWide-Area... 93 %
0.300
-
COB D Series LES 14.5 mm
Asymmetric degWide-Area... 93 %
0.470
-
MJT COB LES 33
Asymmetric degWide-Area... 94 %
0.230
-
January 22nd 2018 7:49 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


同様の部品番号 - FN15379

メーカー部品番号データシート部品情報
logo
Ledil, Inc.
FN15379 LEDIL-FN15379 Datasheet
12Mb / 12P
IESNA Type V (square) for wide areas lighting such as car parks. Compatible with up to 30 mm LES size COBs.
FN15379 LEDIL-FN15379_18 Datasheet
12Mb / 12P
IESNA Type V (square) for wide areas lighting such as car parks. Compatible with up to 30 mm LES size COBs.
More results

同様の説明 - FN15379

メーカー部品番号データシート部品情報
logo
Cree, Inc
FCN14412 CREE-FCN14412 Datasheet
696Kb / 7P
STELLA series
FCN14661 CREE-FCN14661 Datasheet
458Kb / 3P
STELLA series
FN13323 CREE-FN13323 Datasheet
4Mb / 66P
STELLA series
FN14253 CREE-FN14253 Datasheet
1Mb / 29P
STELLA series
FN14645 CREE-FN14645 Datasheet
2Mb / 39P
STELLA series
FN14976 CREE-FN14976 Datasheet
3Mb / 43P
STELLA series
FN15187 CREE-FN15187 Datasheet
1Mb / 15P
STELLA series
logo
Ledil, Inc.
FN14074 LEDIL-FN14074 Datasheet
2Mb / 48P
Stella series
FN14720 LEDIL-FN14720 Datasheet
3Mb / 64P
Stella series
FN15264 LEDIL-FN15264 Datasheet
3Mb / 58P
Stella series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com