データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE24LA04CP4TH データシート(PDF) 6 Page - ACE Technology Co., LTD.

部品番号 ACE24LA04CP4TH
部品情報  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACE [ACE Technology Co., LTD.]
ホームページ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA04CP4TH データシート(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24LA04CP4TH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24LA04CP4TH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24LA04CP4TH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LA04CP4TH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LA04CP4TH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LA04CP4TH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA04CP4TH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA04CP4TH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24LA04CP4TH Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ACE24LA02.04.08.16A
Two-wire Serial EEPROM
VER 1.1
6
Figure 3: Output Acknowledge
Device Addressing
The 2K/4K/8K/16K EEPROM devices all require an 8-bit device address word following a start condition
to enable the chip for a read or write operation (see Figure 4)
The device address word consists of a mandatory "1", "0" sequence for the first four most significant bits
as shown. This is common to all the Serial EEPROM devices.
The next 3 bits are the A2, A1 and A0 device address bits for the 2K EEPROM. These 3 bits must
compare to their corresponding hardwired input pins.
The 4K EEPROM only uses the A2 and A1 device address bits with the third bit being a memory page
address bit. The two device address bits must compare to their corresponding hardwired input pins. The
A0 pin is no connecting.
The 8K EEPROM only uses the A2 device address bit with the next 2 bits being for memory page
addressing. The A2 bit must compare to its corresponding hard-wired input pin. The A1 and A0 pins are
no connecting.
The 16K does not use any device address bits but instead the 3 bits are used for memory page
addressing. These page addressing bits on the 4K, 8K and 16K devices should be considered the most
significant bits of the data word address which follows. The A0, A1 and A2 pins are no connect
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if
this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a "0". If a compare is not made, the chip
will return to a standby state.
Write Operations
Byte Write:
A write operation requires an 8-bit data word address following the device address word and
acknowledgment. Upon receipt of this address, the EEPROM will again respond with a "0" and then clock
in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a "0" and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18