| データシートサーチシステム |
|
MS6715SSLTR データシート(PDF) 2 Page - MOSA ELECTRONICS |
|
|
|||||||||||||||||||||||||||||
MS6715SSLTR データシート(HTML) 2 Page - MOSA ELECTRONICS |
|
2 / 13 page ![]() MOSA MS6715L Low Cost 1 Stereo Input / 1 Stereo Output Audio Processor REV 2 2/13 www.mosanalog.com PIN CONFIGURATION Symbol Pin Description TREB_L NC TREB_R 19 18 17 20 2 3 4 1 SCL SDA DGND OUT_L REF VDD AGND OUT_R BOUT_R BIN_R BOUT_L BIN_L LIN NC LOUD_L LOUD_R RIN 15 14 13 16 6 7 8 5 11 12 10 9 MS6715L SSOP20 REF 1 Analog Reference Voltage(1/2VDD) VDD 2 Supply Input Voltage AGND 3 Analog Ground TREB_L 4 Left Channel Input for Treble Controller TREB_R 5 Right Channel Input for Treble Controller RIN 6 Right Channel Input LOUD_R 7 Right Channel Loudness Input NC 8 No Connected LOUD_L 9 Left Channel Loudness Input NC 10 No Connected LIN 11 Left Channel Input BIN_L 12 Left Bass Controller Input Channel BOUT_L 13 Left Bass Controller Output Channel BIN_R 14 Right Bass Controller Input Channel BOUT_R 15 Right Bass Controller Output Channel OUT_R 16 Right Speaker Output OUT_L 17 Left Speaker Output DGND 18 Digital Ground SDA 19 I 2C Data Input SCL 20 I 2C Clock Input ORDERING INFORMATION Package Part number Packaging Marking Transport Media 20-Pin SSOP (lead free) MS6715SSLTR MS6715L 2.5k Units Tape and Reel 20-Pin SSOP (lead free) MS6715SSLU MS6715L 56 Units Tube RoHS Compliance ABSOLUTE MAXIMUM RATINGS Symbol Parameter Rating Unit VDD Supply Voltage 6.5 V VESD Electrostatic Handling -3000 to 3000 V TSTG Storage Temperature Range -65 to 150 ℃ TA Operating Ambient Temperature Range -40 to 85 ℃ TJ Maximum Junction Temperature 150 ℃ TS Soldering Temperature, 10 seconds 260 ℃ RTHJA Thermal Resistance from Junction to Ambient in Free Air SSOP20 210 ℃/W |