| データシートサーチシステム |
|
PIC16F76-E/P データシート(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F76-E/P データシート(HTML) 32 Page - Microchip Technology |
|
32 / 174 page ![]() PIC16F7X DS30325B-page 30 2002 Microchip Technology Inc. 3.3 Reading the FLASH Program Memory A program memory location may be read by writing two bytes of the address to the PMADR and PMADRH reg- isters and then setting control bit RD (PMCON1<0>). Once the read control bit is set, the microcontroller will use the next two instruction cycles to read the data. The data is available in the PMDATA and PMDATH regis- ters after the second NOP instruction. Therefore, it can be read as two bytes in the following instructions. The PMDATA and PMDATH registers will hold this value until the next read operation. 3.4 Operation During Code Protect FLASH program memory has its own code protect mechanism. External Read and Write operations by programmers are disabled if this mechanism is enabled. The microcontroller can read and execute instructions out of the internal FLASH program memory, regardless of the state of the code protect configuration bits. EXAMPLE 3-1: FLASH PROGRAM READ TABLE 3-1: REGISTERS ASSOCIATED WITH PROGRAM FLASH BSF STATUS, RP1 ; BCF STATUS, RP0 ; Bank 2 MOVF ADDRH, W ; MOVWF PMADRH ; MSByte of Program Address to read MOVF ADDRL, W ; MOVWF PMADR ; LSByte of Program Address to read BSF STATUS, RP0 ; Bank 3 Required Required BSF PMCON1, RD ; EEPROM Read Sequence Sequence NOP ; memory is read in the next two cycles after BSF PMCON1,RD NOP ; BCF STATUS, RP0 ; Bank 2 MOVF PMDATA, W ; W = LSByte of Program PMDATA MOVF PMDATH, W ; W = MSByte of Program PMDATA Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on: POR, BOR Value on all other RESETS 10Dh PMADR Address Register Low Byte xxxx xxxx uuuu uuuu 10Fh PMADRH — — — Address Register High Byte xxxx xxxx uuuu uuuu 10Ch PMDATA Data Register Low Byte xxxx xxxx uuuu uuuu 10Eh PMDATH — — Data Register High Byte xxxx xxxx uuuu uuuu 18Ch PMCON1 —(1) — — — — — — RD 1--- ---0 1--- ---0 Legend: x = unknown, u = unchanged, r = reserved, - = unimplemented read as '0'. Shaded cells are not used during FLASH access. Note 1: This bit always reads as a ‘1’. |