| データシートサーチシステム |
|
CCT-39S750-R データシート(PDF) 6 Page - Teledyne Technologies Incorporated |
|
|
|||||||||||||||||||||||||||||
CCT-39S750-R データシート(HTML) 6 Page - Teledyne Technologies Incorporated |
|
6 / 10 page ![]() CCT-39 Page 6 SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE © 2013 TELEDYNE COAX SWITCHES CCT-39S\072013\Q3 Series CCT-39S Multi-Throw DC-10 GHz, SP9T & SP10T Latching Coaxial Switch, Internal 50 Ω Termination COAX SWITCHES SP10T TRUTH TABLE Latching CCT-39SX0C-T Logic Input RF Path Indicator Switches 123456789 10 R J1 J2 J3 J4 J5 J6 J7 J8 J9 J10 Reset E F G H K L M N O P 100000000 0 0 On Off Off Off Off Off Off Off Off Off Off C 00 0 0 0 0 000 010000000 0 0 Off On Off Off Off Off Off Off Off Off Off 0 C 0 0 0 0 0 000 001000000 0 0 Off Off On Off Off Off Off Off Off Off Off 0 0 C 0 0 0 0 000 000100000 0 0 Off Off Off On Off Off Off Off Off Off Off 0 0 0 C 0 0 0 000 000010000 0 0 Off Off Off Off On Off Off Off Off Off Off 0 0 0 0 C 0 0 000 000001000 0 0 Off Off Off Off Off On Off Off Off Off Off 0 0 0 0 0 C 0 000 000000100 0 0 Off Off Off Off Off Off On Off Off Off Off 0 0 0 0 0 0 C 000 000000010 0 0 Off Off Off Off Off Off Off On Off Off Off 0 0 0 0 0 0 0 C 00 000000001 0 0 Off Off Off Off Off Off Off Off On Off Off 0 0 0 0 0 0 0 0 C 0 000000000 1 0 Off Off Off Off Off Off Off Off Off On Off 0 00 0 0 0 0 00 C TRUTH TABLE Latching CCT-39SX0C-TD Logic Input RF Path Indicator Switches 1234 J1 J2 J3 J4 J5 J6 J7 J8 J9 J10 Reset E F G H K L M N O P 0000 On Off Off Off Off Off Off Off Off Off Off C 000000000 1000 Off On Off Off Off Off Off Off Off Off Off 0 C 00000000 0100 Off Off On Off Off Off Off Off Off Off Off 0 0 C 0000000 1100 Off Off Off On Off Off Off Off Off Off Off 0 0 0 C 000000 0010 Off Off Off Off On Off Off Off Off Off Off 0 0 0 0 C 00000 1010 Off Off Off Off Off On Off Off Off Off Off 00000 C 0000 0 1 1 0 Off Off Off Off Off Off On Off Off Off Off 000000 C 000 1 1 1 0 Off Off Off Off Off Off Off On Off Off Off 0000000 C 00 0 0 0 1 Off Off Off Off Off Off Off Off On Off Off 00000000 C 0 1 0 0 1 Off Off Off Off Off Off Off Off Off On Off 000000000 C 0101 Off Off Off Off Off Off Off Off Off Off Reset 0000000000 1111 COIL OFF 0000000000 |